Part Number Hot Search : 
EMH11 CDRH8 1N5234 CDRH8 ISL9767 AIC1621 1E104 LT1008MH
Product Description
Full Text Search
 

To Download OC-260-DJF-207CA-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oven Controlled Crystal Oscillators (OCXO's) OC-260 Series (CO-760)
Description:
The OC-260 Series OCXO offers excellent temperature stability and aging in a 1" x 1" x 0.52" package.
Features:
* * * * * * Frequencies: 5, 10, 12.8, 13, 16.384, 19.44, 20, 20.48 MHz Stabilities: As low as +1 x 10-8 Temperature Range: As wide as -40oC to +85oC Package: 1.0" x 1.0" x 0.52" Output: HCMOS, Sinewave Supply Voltage: 5 Volts or 3.3 Volts
Performance Characteristics
Parameter
Standard Frequencies: Package Size: Supply Voltage: Input Power (steady state): Input Power (turn-on): Output Type: Output Level: Rise/Fall Time tr/tf: Symmetry (Duty/Cycle): Harmonics/subs: Temperature Stability:
Characteristics
5.0, 10.0, 12.8, 13.0, 16.384, 19.44, 20.0, 20.48 MHz. Available from 1 to 80 MHz. 25.7 x 25.7x 13.2 mm (1.0" x 1.0" x 0.52") C=5 Vdc 5% <1.5W @ +25oC (-20C / +70C) <3W (-20C/+70C) A: HCMOS J: Sinewave; +7 dBm into 50 ohm (+5V supply only) 3.3 V: "0" <0.3 V, "1" >3.0 V 5 V: "0" <0.5 V, "1" >4.5 V (HCMOS output) <10 ns (10% - 90%, HCMOS) 50/50 +10% (@50% Vdd, HCMOS) -20 dBc (for sinewave output) B-208: 2 x 10-8 over 0/50C B-107: 1 x 10-7 over 0/50C D-408: 4 x 10-8 over -20/70C D-107: 1 x 10-7 over -20/70C F-107: 1 x 10-7 over -40/85C F-207: 2 x 10-7 over -40/85C Note: Tighter stability options are available - contact factory. A: 1 x 10-8/day, 2x10-6/year B: 3 x 10-9/day, 1x10-6/year C: 1 x 10-9/day, 3x10-7/year D=3.3 Vdc 5% (HCMOS output only)
Aging:
Short Term Stability (Allan Deviation): 5 x 10-11/second (with aging A or B) 1 x 10-11/second (with aging C) Phase Noise: (typical @ 10 MHz) Frequency vs. Supply: Electrical Frequency Adjust: Mechanical Configuration: -110 dBc/Hz @ 10 Hz -130 dBc/Hz @ 100 Hz -145 dBc/Hz @ 1 kHz -150 dBc/Hz @ 10 kHz -150 dBc/Hz @ 50 kHz 2 x 10-9/percent (with Aging C)
5 x 10-9/percent (with Aging A or B);
10 x 10-6 typical range (with Aging A or B) 2 x 10-6 typical range (with Aging C) Pins for PCB mounting
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
42
Oven Controlled Crystal Oscillators (OCXO's) OC-260 Series (CO-760)
Outline Drawing
13.20 (.52)
.65 (.025)
STANDOFFS (4 PLACES)
.8 Dia (.031) 5 Places
25.7 max. (1.01)
3
4
.254 (.750 .010)
OCXO
0.25 (.010)
2.8 (.11)
mm (in.)
12.1! (.480) 19.05 .254 (.750 .010) (1.01)
Pin Out Information
Pin 1 2 3 4 5 Function Output GND, Case Electrical Frequency Adjustment Input or N/C* N/C or Reference Voltage Output* Supply Voltage Pin numbers are for reference only, and may not appear on unit.
* custom part number to be assigned
Ordering Information
OC
Product Family OC = OCXO Package 260 = 25.7x25.7 mm Thru-hole Supply Voltage C = 5.0V 5% D = 3.3V 5%
260
C
A
D
107
C
A
20
MHz
Frequency
1 - 80 MHz
Electrical Frequency Adjust 10 x 10-6 typical range (with Aging A or B) 2 x 10-6 typical range (with Aging C) Aging A = 1 x 10-8/day, 2 x 10-6/year B = 3 x 10-9/day, 1 x 10-6/year C = 1 x 10-9/day, 3 x 10-7/year
Output A = HCMOS (100K // 10 pF Load) J = Sinewave +7 dBm/50 ohm (5.0V supply only)
Temperature Stability* B-107 = 1x10-7 over 0C to +50C B-208 = 2x10-8 over 0C to +50C D-107 = 1x10-7 over -20C to +70C D-408 = 4x10-8 over -20C to +70C F-207 = 2x10-7 over -40C to +85C F-107 = 1x10-7 over -40C to +85C *Other stability options are available upon request
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
43


▲Up To Search▲   

 
Price & Availability of OC-260-DJF-207CA-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X